PART |
Description |
Maker |
PIN-1310-2I-LCA |
3.7GBS 1310NM PIN PREAMP ROSA
|
Finisar Corporation.
|
HFD3141-203 |
4.25Gbps 1310nm PIN Preamp, LC ROSA
|
Finisar Corporation.
|
G10447-51 G10447-54 |
GaAs PIN photodiode with preamp
|
Hamamatsu Corporation
|
G10518-51 G10518-54 |
InGaAs PIN photodiode with preamp
|
Hamamatsu Corporation
|
FRM5J141GW |
InGaAs-PIN/Preamp Receiver
|
Eudyna Devices Inc
|
G9843-32 G9843-21 G9843-22 G9843 |
GaAs PIN photodiode with preamp
|
Hamamatsu Photonics Hamamatsu Corporation
|
FRM3Z621LT FRM3Z621KT |
InGaAs-PIN/Preamp Receiver
|
List of Unclassifed Manufacturers ETC[ETC]
|
C-15-F04P-NLCH-G5 C-13-F04P-NLCH-G5 C-15-F04P-NLCH |
1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
List of Unclassifed Manufacturers Source Photonics, Inc. ETC
|
C-13-15-F04-P-NLCH-G5 C-13-15-F04-P-NLCH-GR C-13-1 |
1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
G91290-22 |
Connector type: FC; supply voltage: 20V; InGaAs PIN photodiode with preamp: mini-DIL type, 1.3/1.55um, 156, 622 Mbps/1.25, 2.5Gbps
|
Hamamatsu Corporation
|
G8338-02 G7871 G7871-02 G8795-02 G8338 G8341 G8341 |
TRANS PREBIASED PNP 150MW SOT523 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 200V; Case Size: 25x25 mm; Packaging: Bulk InGaAs PIN photodiode with preamp
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
OD-S559 |
1310nm DFB-LD Module 1310nm FP-LD Module
|
NEC Corp.
|